PART |
Description |
Maker |
8XL196NP |
Commercial CHMOS 16-Bit Microcontroller(商用 CHMOS 16位微控制
|
Intel Corp.
|
8XC196NU 27264404 |
COMMERCIAL CHMOS 16-BIT MICROCONTROLLER From old datasheet system
|
Intel
|
8XC196KD20 |
COMMERCIAL CHMOS MICROCONTROLLER 商业CHMOS单片
|
Intel, Corp.
|
EN80C196KB16 EE80C196KB16 EE87C196KB16 EN87C196KB1 |
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
|
Intel Corporation
|
EN87C196KC20 |
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
|
Intel Corporation
|
N83C198 |
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
|
Intel Corporation
|
TN87C196KB |
Commercial / Express CHMOS Microcontroller
|
Intel
|
87C196JT AN87C196JQ AN87C196KR AN87C196JR AN87C196 |
Advanced 16-Bit CHMOS Microcontrollers Advanced 16-bit CHMOS microcontroller. EPROM 12K, Reg RAM 360, Code RAM 128, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 56 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 48K, Reg RAM 1.5K, Code RAM 512, I/O 41
|
Intel
|
83C196KB16 80C196KB16 |
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER 商业/快递CHMOS单片 N-CHANNEL SILICON JUNCTION FET TO72 商业/快递CHMOS单片
|
http:// Intel, Corp.
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
87C196JV |
Advanced 16-Bit CHMOS Microcontrollers(先进6CHMOS 型微控制 16-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC52
|
Intel, Corp.
|